subminiature waterproof sealed limit switches p6-3 30 otto controls 2005 full line catalog specifications subject to change without notice featuring otto b5 series basic switches these subminia ture sealed switches are contained in a rugged alumin um housing with choice of lever, roller and plunger. featuring th e otto b5 series basic switch, the p6-3 series is able to switch up to 10 amperes. the high contact pr essure and superior wiping action of th e otto design also makes the p6-3 series an excellent choice when switching logic level loads. sealing against water and other liqu ids is per mi l-prf-8805. wire leaded mo dels feature potted leads. the solder terminals are epoxy sealed. quality features: ?om pact: only .85" w. x 1.17" h. x .32" thick ? atertight to mil-prf-8805 ?hoi ce of four actuator styles ?hoi ce of two termination styles ? 0 am pe re sw itc hi ng capability ? igh contact pressure for low levels precision operating points p6-3 part number code p6-3 x x x x x actuator terminal mounting serial style style circuitry holes digit see dr awing below. 1. lever 0. special ? 1. spn o-db, form x 1. no holes ? 0. 0 2. plunger 1. solder terminals 2. spn c-db, form y 2. 1 /2" centers except specials 3. roller lever 3. 1' potted leads 3. sp d t-sb, form c for #4-40 screws 4. o vertrav el 4. 3' potted leads 4. spd t-db, form z 4. 3/8" centers plunger ? 5. 6' potted leads for #2-56 screws ? specials are serialized. subsequent numbers do not specify standard features. ? o vertrav el model does not have mounting holes; is bushing mounted. operational: operating force: 2.5 lbs. maximum release force: 0.5 lbs. minimum movement diff erential: 0.020 ?010 in. pretravel: 0.050 in .maximum operate point: 0.406 ?010 in. o vertravel: 0.012 in. minimum strength of actuator: 25 lbs., typical electrical life, at full load: 50,000 cycles mechanical life: 50,000 cycles ph ys i cal: te mp erature range: continuou s -55 c to +85 c seal: en cl os ur e design 3, watertight per mil-s-8805 el ec tr i cal: t ype of sea level 50,000 ft. 125/250 cir cu itry load @28 vdc @28 vdc vac 60hz. spn o-db resistive 10.0 a 10.0 a 10.0 a spnc-db i nductiv e* 7.5 a 3.5 a 5.0 a d ouble-break lamp 4.0 a 3.0 a *l/r = .026 minimum current: .04 amperes di el ectric strength: 1050 volts rms
|